Part Number Hot Search : 
TIP132 AP242101 SC600 HA5351IB 1602B T1091NL KA780 5D240A10
Product Description
Full Text Search
 

To Download OMR-109H000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  306 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. oeg catalog 1308242 issued 3-03 www.tycoelectronics.com technical support: refer to inside back cover. features low cost, small package dry reed relay. ?1 form a contact and 2 form a arrangements. omr series dry reed relay telecommunications, office machines. file no. e82292 initial insulation resistance between mutually insulated elements: 1,000m ohms min. @ 100vdcm. mechanical data termination: printed circuit terminals. enclosure (94v-0 flammability ratings): omr: open, no cover. omr-c: snap-on dust cover. weight: 0.16 oz (4.5g) approximately. coil data @ 20 c operate data must operate voltage: 70% of nominal voltage or less. must release voltage: 10% of nominal voltage or more. operate time: 1.0 ms max. release time: 0.5 ms max. environmental data temperature range: operating: -30 c to +70 c vibration, mechanical: 10 to 55 hz., 1.5mm double amplitude operational: 10 to 55 hz., 1.5mm double amplitude. shock, mechanical: 1,000m/s 2 (100g approximately). operational: 100m/s 2 (10g approximately). operating humidity: 20 to 85% rh. (non-condensing) initial dielectric strength between open contacts: 200vdc. (1 second). between coil and contacts: 3,000vdc. (1 second). surge voltage between coil and contacts: 3,000v (10 / 160 s). coil data voltage: 6 to 24vdc. nominal power: 100 mw to 280mw. coil temperature rise: 30 c max., at rated coil voltage. max. coil power: 160% of nominal. duty cycle: continuous. contact ratings ratings: 100 a @ 5vdc, 100,000,000 operations. 1ma @ 5vdc, 50,000,000 operations. 5ma @ 5vdc, 50,000,000 operations. 5ma @ 12vdc, 50,000,000 operations. 10ma @ 12vdc, 50,000,000 operations. 100ma @ 12vdc, 10,000,000 operations. 100ma @ 24vdc, 7,000,000 operations. 200ma @ 24vdc, 7,000,000 operations. 400ma @ 24vdc, 5,000,000 operations. max. switched voltage: ac: 120v. dc: 60v. max. switched current: 0.5a . max. switched power: 10va, 10w. omr rated coil nominal coil must operate must release voltage current resistance voltage voltage (vdc) (ma) (ohms) 10% (vdc) (vdc) 5/6 24.0 250 3.50 0.50 9 12.9 700 6.30 0.90 12 11.4 1,050 8.40 1.20 24 11.5 2,080 16.80 2.40 contact data @ 20 c arrangements: 1 form a (spst-no), 2 form a (dpst-no). material: rh, ru. max. switching rate: 300 ops./min. (no load). 30 ops./min. (rated load). expected mechanical life: 100 million operations (no load). expected electrical life: 1,000,000 operations (rated load). minimum load: 1ma @ 1vdc. initial contact resistance: 150 milliohms @ 100ma, 6vdc. users should thoroughly review the technical data before selecting a product part number. it is recommended that user also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application.
307 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. oeg catalog 1308242 issued 3-03 wiring diagrams (bottom view) outline dimensions pc board layout (bottom view) ordering information typical part number b omr -c -1 12 h ,000 1. basic series: omr = dry reed relay. 2. enclosure: blank = open, no cover. c = snap-on dust cover. 3. termination: 1 = 1 pole 2 = 2 pole 4. coil voltage: 06 = 6vdc 12 = 12vdc 09 = 9vdc 24 = 24vdc 5. contact rating: h = 0.5a @ 120vac 6. suffix: ,000 = standard model other suffix = custom model .390 (9.9) .8 .004 20.32 .1 .157 (4.0) .1 .004 (2.54 .1) .2 (5.08) 1.067 (27.1) .018 x .018 (.45 x .45) .083 (2.12) .390 (9.9) .390 (9.9) .157 (4.0) 1.067 (27.1) .083 (2.12) .9 (22.85) 2 ?.024 dia (.6) .1 (2.54) .1 (2.54) .1 (2.54) .504 (12.8) .800 .004 (20.3 .1) .1 .004 (2.54 .1) .2 (5.08) 4 .035 dia (.9) open type, 1 form a open type, 2 form a 1 form a 2 form a 1 form a 2 form a snap-on dust cover type, 1 form a snap-on dust cover type, 2 form a .353 (9.0) .799 .004 20.3 .1 .157 (4.0) .992 (25.2) .1 .004 (2.54 .1) .2 (5.08) .315 (8.0) .018 x .018 (.45 x .45) .045 (1.15) .900 (22.85) .1 (2.54) .1 (2.54) .1 (2.54) 6 .035 dia (.9) .350 (8.9) .900 (22.85) .157 (4.0) .992 (25.2) .1 (2.54) .437 (11.1) .046 (1.18) 2 .024 dia (.6) .1 (2.54) .1 (2.54) none at present. our authorized distributors are more likely to stock the following items for immediate delivery.


▲Up To Search▲   

 
Price & Availability of OMR-109H000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X